Part Number Hot Search : 
IRAMS10U LT1039A TN2907 MJ2253 BAV16W ATA12001 TF200 4ALVC
Product Description
Full Text Search
 

To Download SF801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF801 thru SF807
SUPERFAST RECOVERY RECTIFIER
VOLTAGE - 50 TO 600 VOLTS CURRENT - 8.0 AMPERES
TO-220AC
FEATURES
Low forward voltage drop High Current Capability High reliability High surge Current Capability Good for switching mode application High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request
MECHANICAL DATA
Case TO220AC Molded plastic Epoxy UL 94V-0 rate flame retardant Lead Lead solderable per MIL-STD-202, Method 208 guranteed Polarity As Marked Mounting Position Any Weight 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length at TC=1000C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instandeous Forward Voltage at 8.0A Maximum DC Reverse Current TA=25 C at Rated DC Blocking Voltage TA=1000C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ,TSTG NOTES 1. Reverse Recovery Time test condition IF=0.5A , IR=1.0A , IRR=0.25A 2. Measured at 1.0MHz and applied reverse Voltage of 4.0V D.C 35 50
0
SF801 50 35 50
SF802 100 70 100
SF803 150 105 150
SF804 200 140 200 8.0
SF805 300 210 300
SF806 400 320 400
SF807 600 420 600
UNITS
Volts Volts Volts Amps
125 0.95 10 500 50 1.3 1.7
Amps Volts A nS pF
0
-55 to +150
C
www.paceleader.com.tw
1
SF801 thru SF807
SUPERFAST RECOVERY RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SF801 THRU SF807
www.paceleader.com.tw
2


▲Up To Search▲   

 
Price & Availability of SF801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X